| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30620FCAFP bảng dữ liệu(PDF) 269 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP bảng dữ liệu(HTML) 269 Page - Renesas Technology Corp |
|
269 / 615 page ![]() Appendix Standard Serial I/O Mode 1 (Flash Memory Version) Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1-250 Read Check Data This command reads the check data that confirms that the write data, which was sent with the page program command, was successfully received. (1) Transfer the "FD16" command code with the 1st byte. (2) The check data (low) is received with the 2nd byte and the check data (high) with the 3rd. To use this read check data command, first execute the command and then initialize the check data. Next, execute the page program command the required number of times. After that, when the read check command is executed again, the check data for all of the read data that was sent with the page program command during this time is read. The check data is the result of CRC operation of write data. Figure 1.29.18. Timing for the read check data Check data (low) CLK1 RxD1 TxD1 RTS1(BUSY) FD16 (M16C reception data) (M16C transmit data) Check data (high) |