| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30620FCAFP bảng dữ liệu(PDF) 567 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP bảng dữ liệu(HTML) 567 Page - Renesas Technology Corp |
|
567 / 615 page ![]() External ROM Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-250 000016 000116 000216 000316 000416 000516 000616 000716 000816 000916 000A16 000B16 000C16 000D16 000E16 000F16 001016 001116 001216 001316 001416 001516 001616 001716 001816 001916 001A16 001B16 001C16 001D16 001E16 001F16 002016 002116 002216 002316 002416 002516 002616 002716 002816 002916 002A16 002B16 002C16 002D16 002E16 002F16 003016 003116 003216 003316 003416 003516 003616 003716 003816 003916 003A16 003B16 003C16 003D16 003E16 003F16 004016 004116 004216 004316 004416 004516 004616 004716 004816 004916 004A16 004B16 004C16 004D16 004E16 004F16 005016 005116 005216 005316 005416 005516 005616 005716 005816 005916 005A16 005B16 005C16 005D16 005E16 005F16 006016 006116 006216 006316 006416 006516 032A16 032B16 032C16 032D16 032E16 032F16 033016 033116 033216 033316 033416 033516 033616 033716 033816 033916 033A16 033B16 033C16 033D16 033E16 033F16 DMA0 control register (DM0CON) DMA0 source pointer (SAR0) DMA0 transfer counter (TCR0) DMA1 control register (DM1CON) DMA1 source pointer (SAR1) DMA1 transfer counter (TCR1) DMA1 destination pointer (DAR1) Watchdog timer start register (WDTS) Watchdog timer control register (WDC) Processor mode register 0 (PM0) Address match interrupt register 0 (RMAD0) Address match interrupt register 1 (RMAD1) Chip select control register (CSR) System clock control register 0 (CM0) System clock control register 1 (CM1) Address match interrupt enable register (AIER) Protect register (PRCR) Processor mode register 1(PM1) DMA0 destination pointer (DAR0) Timer A1 interrupt control register (TA1IC) UART0 transmit interrupt control register (S0TIC) Timer A0 interrupt control register (TA0IC) Timer A2 interrupt control register (TA2IC) UART0 receive interrupt control register (S0RIC) UART1 transmit interrupt control register (S1TIC) UART1 receive interrupt control register (S1RIC) DMA1 interrupt control register (DM1IC) DMA0 interrupt control register (DM0IC) Key input interrupt control register (KUPIC) A-D conversion interrupt control register (ADIC) Bus collision detection interrupt control register (BCNIC) UART2 transmit interrupt control register (S2TIC) UART2 receive interrupt control register (S2RIC) INT1 interrupt control register (INT1IC) Timer B0 interrupt control register (TB0IC) Timer B2 interrupt control register (TB2IC) Timer A3 interrupt control register (TA3IC) INT2 interrupt control register (INT2IC) INT0 interrupt control register (INT0IC) Timer B1 interrupt control register (TB1IC) Timer A4 interrupt control register (TA4IC) INT3 interrupt control register (INT3IC) Timer B5 interrupt control register (TB5IC) Timer B4 interrupt control register (TB4IC) Timer B3 interrupt control register (TB3IC) SI/O4 interrupt control register (S4IC) INT5 interrupt control register (INT5IC) SI/O3 interrupt control register (S3IC) INT4 interrupt control register (INT4IC) Note : Locations in the SFR area where nothing is allocated are reserved areas. Do not access these areas for read or write. Figure 5.3.2. SFR memory map (1) |