| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30620FCAFP bảng dữ liệu(PDF) 430 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP bảng dữ liệu(HTML) 430 Page - Renesas Technology Corp |
|
430 / 615 page ![]() A-D Converter Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-113 Figure 2.7.2. A-D converter-related registers (1) A-D control register 0 (Note 1) Symbol Address When reset ADCON0 03D616 00000XXX2 b7 b6 b5 b4 b3 b2 b1 b0 Analog input pin select bit 0 0 0 : AN0 is selected 0 0 1 : AN1 is selected 0 1 0 : AN2 is selected 0 1 1 : AN3 is selected 1 0 0 : AN4 is selected 1 0 1 : AN5 is selected 1 1 0 : AN6 is selected 1 1 1 : AN7 is selected (Note 2) CH0 Bit symbol Bit name Function CH1 CH2 A-D operation mode select bit 0 0 0 : One-shot mode 0 1 : Repeat mode 1 0 : Single sweep mode 1 1 : Repeat sweep mode 0 Repeat sweep mode 1 (Note 2) MD0 MD1 Trigger select bit 0 : Software trigger 1 : ADTRG trigger TRG ADST A-D conversion start flag 0 : A-D conversion disabled 1 : A-D conversion started Frequency select bit 0 0 : fAD/4 is selected 1 : fAD/2 is selected CKS0 W R b2 b1 b0 b4 b3 Note 1: If the A-D control register is rewritten during A-D conversion, the conversion result is indeterminate. Note 2: When changing A-D operation mode, set analog input pin again. |