công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7047 bảng dữ liệu(PDF) 223 Page - Renesas Technology Corp

tên linh kiện HD64F7047
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7047 bảng dữ liệu(HTML) 223 Page - Renesas Technology Corp

Back Button HD64F7047 Datasheet HTML 219Page - Renesas Technology Corp HD64F7047 Datasheet HTML 220Page - Renesas Technology Corp HD64F7047 Datasheet HTML 221Page - Renesas Technology Corp HD64F7047 Datasheet HTML 222Page - Renesas Technology Corp HD64F7047 Datasheet HTML 223Page - Renesas Technology Corp HD64F7047 Datasheet HTML 224Page - Renesas Technology Corp HD64F7047 Datasheet HTML 225Page - Renesas Technology Corp HD64F7047 Datasheet HTML 226Page - Renesas Technology Corp HD64F7047 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 764 page
background image
Rev. 2.00, 09/04, page 183 of 720
Bit
Bit Name
Initial
value
R/W
Description
3
TGFD
0
R/(W)
Input Capture/Output Compare Flag D
Status flag that indicates the occurrence of TGRD input
capture or compare match in channels 0, 3, and 4. Only 0
can be written, for flag clearing. In channels 1 and 2, bit 3 is
reserved. It is always read as 0, and should only be written
with 0.
[Setting conditions]
• When TCNT = TGRD and TGRD is functioning as output
compare register
• When TCNT value is transferred to TGRD by input
capture signal and TGRD is functioning as input capture
register
[Clearing conditions]
• When DTC is activated by TGID interrupt and the DISEL
bit of DTMR in DTC is 0
• When 0 is written to TGFD after reading TGFD = 1
2
TGFC
0
R/(W)
Input Capture/Output Compare Flag C
Status flag that indicates the occurrence of TGRC input
capture or compare match in channels 0, 3, and 4. Only 0
can be written, for flag clearing. In channels 1 and 2, bit 2 is
reserved. It is always read as 0, and should only be written
with 0.
[Setting conditions]
• When TCNT = TGRC and TGRC is functioning as output
compare register
• When TCNT value is transferred to TGRC by input
capture signal and TGRC is functioning as input capture
register
[Clearing conditions]
• When DTC is activated by TGIC interrupt and the DISEL
bit of DTMR in DTC is 0
• When 0 is written to TGFC after reading TGFC = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More