công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7047 bảng dữ liệu(PDF) 171 Page - Renesas Technology Corp

tên linh kiện HD64F7047
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7047 bảng dữ liệu(HTML) 171 Page - Renesas Technology Corp

Back Button HD64F7047 Datasheet HTML 167Page - Renesas Technology Corp HD64F7047 Datasheet HTML 168Page - Renesas Technology Corp HD64F7047 Datasheet HTML 169Page - Renesas Technology Corp HD64F7047 Datasheet HTML 170Page - Renesas Technology Corp HD64F7047 Datasheet HTML 171Page - Renesas Technology Corp HD64F7047 Datasheet HTML 172Page - Renesas Technology Corp HD64F7047 Datasheet HTML 173Page - Renesas Technology Corp HD64F7047 Datasheet HTML 174Page - Renesas Technology Corp HD64F7047 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 764 page
background image
Rev. 2.00, 09/04, page 131 of 720
8.5
Cautions on Use
8.5.1
Prohibition against DTC Register Access by DTC
DTC register access by the DTC is prohibited.
8.5.2
Module Standby Mode Setting
DTC operation can be disabled or enabled using the module standby control register. The initial
setting is for DTC operation to be halted. Register access is enabled by clearing module standby
mode.
When the MSTP24 and MSTP25 bits in MSTCR1 are set to 1, the DTC clock is halted and the
DTC enters module standby mode. Do not write 1 on MSTP24 bit or MSTP25 bit during
activation of the DTC.
For details, refer to section 24, Power-Down Modes.
8.5.3
On-Chip RAM
The DTMR, DTSAR, DTDAR, DTCRA, DTCRB and DTIAR registers are all located in on-chip
RAM. When the DTC is used, the RAME bit in SYSCR must not be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More