| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 299 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 299 Page - Renesas Technology Corp |
|
299 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 275 of 684 REJ09B0352-0200 Contention between TCNT Write and Overflow or Underflow: If an overflow occurs in the T 3 state of a TCNT write cycle, writing takes priority and the counter is not incremented. OVF is set to 1.The same holds for underflow. See figure 8.65. φ Address Internal write signal TCNT input clock Overflow signal TCNT OVF H'FFFF TCNT address M TCNT write data TCNT write cycle T1 T2 T3 Figure 8.65 Contention between TCNT Write and Overflow |