| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 288 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 288 Page - Renesas Technology Corp |
|
288 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 264 of 684 REJ09B0352-0200 Figure 8.53 shows an example in which GRB3 is buffered by BRB3 in complementary PWM mode. Buffering is used to set GRB3 to a higher value than GRA3, generating a PWM waveform with 0 % duty cycle. The BRB3 value is transferred to GRB3 when TCNT3 matches GRA3, and when TCNT4 underflows. TCNT3 and TCNT4 values Time GRA3 H'0999 H'0000 TCNT3 TCNT4 GRB3 H'1FFF BRB3 GRB3 TIOCA 3 TIOCB 3 H'0999 H'0999 H'0999 H'1FFF H'0999 H'1FFF H'1FFF H'0999 Figure 8.53 Register Buffering (Example 4: Buffering in Complementary PWM Mode) |