| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 266 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 266 Page - Renesas Technology Corp |
|
266 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 242 of 684 REJ09B0352-0200 Figure 8.30 shows examples of the output of PWM waveforms with duty cycles of 0 % and 100%. If the counter is cleared by compare match with GRB, and GRA is set to a higher value than GRB, the duty cycle is 0 %. If the counter is cleared by compare match with GRA, and GRB is set to a higher value than GRA, the duty cycle is 100 %. TCNT value Counter cleared by compare match with GRB Time GRB GRA TIOCA a. 0 % duty cycle TCNT value Counter cleared by compare match with GRA Time GRA GRB TIOCA b. 100 % duty cycle Write to GRA Write to GRA Write to GRB Write to GRB H'0000 H'0000 Figure 8.30 PWM Mode (Example 2) |