| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 196 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 196 Page - Renesas Technology Corp |
|
196 / 712 page ![]() 7. I/O Ports Rev.2.00 Mar. 22, 2007 Page 172 of 684 REJ09B0352-0200 Pin Pin Functions and Selection Method PA 4/TP4/ TIOCA 1/ A 23 The mode setting, bit A 23E in BRCR, ITU channel 1 settings (bit PWM1 in TMDR and bits IOA2 to IOA0 in TIOR1), bit NDER4 in NDERA, and bit PA 4DDR in PADDR select the pin function as follows Mode 1, 5 and 7 3 and 6 A 23E — 1 0 ITU channel 1 settings (1) in table below (2) in table below (1) in table below (2) in table below — PA4DDR — 0 1 1 — 0 1 1 — NDER4 — — 0 1 — — 0 1 — Pin function TIOCA 1 output PA 4 input PA 4 output TP 4 output TIOCA 1 output PA 4 input PA 4 output TP 4 output A 23 output TIOCA 1 input* TIOCA 1 input* Note: * TIOCA 1 input when IOA2 = 1. ITU channel 1 settings (2) (1) (2) (1) PWM1 0 1 IOA2 0 1 — IOA1 0 0 1 — — IOA0 0 1 — — — |