| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 156 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 156 Page - Renesas Technology Corp |
|
156 / 712 page ![]() 7. I/O Ports Rev.2.00 Mar. 22, 2007 Page 132 of 684 REJ09B0352-0200 Port Description Pins Mode 1 Mode 3 Mode 5 Mode 6 Mode 7 Port A • 8-bit I/O port • Schmitt inputs PA 3/TP3/ TIOCB 0/ TCLKD, PA 2/TP2/ TIOCA 0/ TCLKC, PA 1/TP1/ TCLKB, PA 0/TP0/ TCLKA TPC output (TP 3 to TP0), ITU input or output (TCLKD, TCLKC, TCLKB, TCLKA, TIOCB 0, TIOCA0), and generic input/output PB 7/TP15/ ADTRG TPC output (TP 15), trigger input (ADTRG) to A/D converter, and generic input/output. Port B • 7-bit I/Oport • Can drive LEDs • PB 3 to PB0 have Schmitt inputs PB 5/TP13/ TOCXB 4, PB 4/TP12/ TOCXA 4, PB 3/TP11/ TIOCB 4, PB 2/TP10/ TIOCA 4, PB 1/TP9/ TIOCB 3, PB 0/TP8/ TIOCA 3 TPC output (TP 13 to TP8), ITU input or output (TOCXB4, TOCXA 4, TIOCB4, TIOCA4, TIOCB3, TIOCA3), and generic input/output |