| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 667 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 667 Page - Renesas Technology Corp |
|
667 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 643 of 684 REJ09B0352-0200 P2PCR—Port 2 Input Pull-Up MOS Control Register H'D8 Port 2 Bit Initial value Read/Write 7 P2 PCR 0 R/W 7 6 P2 PCR 0 R/W 6 5 P2 PCR 0 R/W 5 4 P2 PCR 0 R/W 4 3 P2 PCR 0 R/W 3 2 P2 PCR 0 R/W 2 1 P2 PCR 0 R/W 1 0 P2 PCR 0 R/W 0 Port 2 input pull-up control 7 to 0 0 Input pull-up transistor is off 1 Input pull-up transistor is on Note: Valid when the corresponding P2DDR bit is cleared to 0 (designating generic input). P5PCR—Port 5 Input Pull-Up MOS Control Register H'DB Port 5 Bit Initial value Read/Write 7 — 1 — 6 — 1 — 5 — 1 — 4 — 1 — 3 P5 PCR 0 R/W 3 2 P5 PCR 0 R/W 2 1 P5 PCR 0 R/W 1 0 P5 PCR 0 R/W 0 Port 5 input pull-up control 3 to 0 0 Input pull-up transistor is off 1 Input pull-up transistor is on Note: Valid when the corresponding P5DDR bit is cleared to 0 (designating generic input). ADDRA H/L—A/D Data Register A H/L H'E0, H'E1 A/D Bit Initial value Read/Write 14 AD8 0 R 12 AD6 0 R 10 AD4 0 R 8 AD2 0 R 6 AD0 0 R 0 — 0 R 4 — 0 R 2 — 0 R A/D conversion data 10-bit data giving an A/D conversion result ADDRAL ADDRAH 15 AD9 0 R 13 AD7 0 R 11 AD5 0 R 9 AD3 0 R 7 AD1 0 R 1 — 0 R 5 — 0 R 3 — 0 R |