| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 642 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 642 Page - Renesas Technology Corp |
|
642 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 618 of 684 REJ09B0352-0200 TOER—Timer Output Master Enable Register H'90 ITU (all channels) Bit Initial value Read/Write 7 — 1 — 6 — 1 — 5 EXB4 1 R/W 4 EXA4 1 R/W 3 EB3 1 R/W 0 EA3 1 R/W 2 EB4 1 R/W 1 EA4 1 R/W Master enable TIOCA3 0 TIOCA output is disabled regardless of TIOR3, TMDR, and TFCR settings 1 TIOCA is enabled for output according to TIOR3, TMDR, and TFCR settings Master enable TIOCB3 0 TIOCB output is disabled regardless of TIOR3 and TFCR settings 1 TIOCB is enabled for output according to TIOR3 and TFCR settings Master enable TIOCA4 0 TIOCA output is disabled regardless of TIOR4, TMDR, and TFCR settings 1 TIOCA is enabled for output according to TIOR4, TMDR, and TFCR settings Master enable TIOCB4 0 TIOCB output is disabled regardless of TIOR4 and TFCR settings 1 TIOCB is enabled for output according to TIOR4 and TFCR settings Master enable TOCXA4 0 TOCXA output is disabled regardless of TFCR settings 1 TOCXA is enabled for output according to TFCR settings Master enable TOCXB4 0 TOCXB output is disabled regardless of TFCR settings 1 TOCXB is enabled for output according to TFCR settings 4 4 4 4 3 3 4 4 4 4 3 3 |