| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 596 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 596 Page - Renesas Technology Corp |
|
596 / 712 page ![]() Appendix A. Instruction Set Rev.2.00 Mar. 22, 2007 Page 572 of 684 REJ09B0352-0200 7. System control instructions Condition Code Mnemonic Operation I H N Z V C TRAPA #x:2 — PC → @–SP 2 1 ————— 14 16 CCR → @–SP <vector> → PC RTE — CCR ← @SP+ 10 PC ← @SP+ SLEEP — Transition to power- —————— 2 down state LDC #xx:8, CCR B #xx:8 → CCR 2 2 LDC Rs, CCR B Rs8 → CCR 2 2 LDC @ERs, CCR W @ERs → CCR 4 6 LDC @(d:16, ERs), W @(d:16, ERs) → CCR 6 8 CCR LDC @(d:24, ERs), W @(d:24, ERs) → CCR 10 12 CCR LDC @ERs+, CCR W @ERs → CCR 4 8 ERs32+2 → ERs32 LDC @aa:16, CCR W @aa:16 → CCR 6 8 LDC @aa:24, CCR W @aa:24 → CCR 8 10 STC CCR, Rd B CCR → Rd8 2 —————— 2 STC CCR, @ERd W CCR → @ERd 4 —————— 6 STC CCR, @(d:16, W CCR → @(d:16, ERd) 6 —————— 8 ERd) STC CCR, @(d:24, W CCR → @(d:24, ERd) 10 —————— 12 ERd) STC CCR, @–ERd W ERd32–2 → ERd32 4 —————— 8 CCR → @ERd STC CCR, @aa:16 W CCR → @aa:16 6 —————— 8 STC CCR, @aa:24 W CCR → @aa:24 8 —————— 10 ANDC #xx:8, CCR B CCR ∧#xx:8 → CCR 2 2 ORC #xx:8, CCR B CCR ∨#xx:8 → CCR 2 2 XORC #xx:8, CCR B CCR ⊕#xx:8 → CCR 2 2 NOP — PC ← PC+2 2 —————— 2 Addressing Mode and Instruction Length (bytes) No. of States *1 |