| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 529 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 529 Page - Renesas Technology Corp |
|
529 / 712 page ![]() 16. Clock Pulse Generator Rev.2.00 Mar. 22, 2007 Page 505 of 684 REJ09B0352-0200 16.2.2 External Clock Input Circuit Configuration: An external clock signal can be input as shown in the examples in figure 16.5. In example b, the clock should be held high in standby mode. If the XTAL pin is left open, the stray capacitance should not exceed 10 pF. EXTAL XTAL EXTAL XTAL External clock input Open External clock input a. XTAL pin left open b. Complementary clock input at XTAL pin Figure 16.5 External Clock Input (Examples) |