| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 450 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 450 Page - Renesas Technology Corp |
|
450 / 712 page ![]() 13. A/D Converter Rev.2.00 Mar. 22, 2007 Page 426 of 684 REJ09B0352-0200 Bit 4—Scan Mode (SCAN): Selects single mode or scan mode. For further information on operation in these modes, see section 13.4, Operation. Clear the ADST bit to 0 before switching the conversion mode. Bit 4 SCAN Description 0 Single mode (Initial value) 1 Scan mode Bit 3—Clock Select (CKS): Selects the A/D conversion time. Clear the ADST bit to 0 before switching the conversion time. Bit 3 CKS Description 0 Conversion time = 266 states (maximum) (Initial value) 1 Conversion time = 134 states (maximum) Bits 2 to 0—Channel Select 2 to 0 (CH2 to CH0): These bits and the SCAN bit select the analog input channels. Clear the ADST bit to 0 before changing the channel selection. Group Selection Channel Selection Description CH2 CH1 CH0 Single Mode Scan Mode 0 0 0 AN 0 (Initial value) AN 0 1 AN 1 AN 0, AN1 1 0 AN 2 AN 0 to AN2 1 AN 3 AN 0 to AN3 1 0 0 AN 4 AN 4 1 AN 5 AN 4, AN5 1 0 AN 6 AN 4 to AN6 1 AN 7 AN 4 to AN7 |