| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 352 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 352 Page - Renesas Technology Corp |
|
352 / 712 page ![]() 10. Watchdog Timer Rev.2.00 Mar. 22, 2007 Page 328 of 684 REJ09B0352-0200 10.3.4 Timing of Setting of Watchdog Timer Reset Bit (WRST) The WRST bit in RSTCSR is valid when bits WT/ IT and TME are both set to 1 in TCSR. Figure 10.7 shows the timing of setting of WRST and the internal reset timing. The WRST bit is set to 1 when TCNT overflows and OVF is set to 1. At the same time an internal reset signal is generated for the entire H8/3022 Group chip. This internal reset signal clears OVF to 0, but the WRST bit remains set to 1. The reset routine must therefore clear the WRST bit. φ TCNT Overflow signal OVF WRST H'FF H'00 WDT internal reset Figure 10.7 Timing of Setting of WRST Bit and Internal Reset |