| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3021 bảng dữ liệu(PDF) 340 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 bảng dữ liệu(HTML) 340 Page - Renesas Technology Corp |
|
340 / 712 page ![]() 10. Watchdog Timer Rev.2.00 Mar. 22, 2007 Page 316 of 684 REJ09B0352-0200 10.1.2 Block Diagram Figure 10.1 shows a block diagram of the WDT. φ/2 φ/32 φ/64 φ/128 φ/256 φ/512 φ/2048 φ/4096 TCNT TCSR RSTCSR Reset control Interrupt signal Reset (internal, external) (interval timer) Interrupt control Overflow Clock Clock selector Read/ write control Internal data bus Internal clock sources Legend TCNT: TCSR: RSTCSR: Timer counter Timer control/status register Reset control/status register Figure 10.1 WDT Block Diagram 10.1.3 Pin Configuration Table 10.1 describes the WDT output pin.* 1 Table 10.1 WDT Pin Name Abbreviation I/O Function Reset output RESO Output* 2 External output of the watchdog timer reset signal Notes: 1. Shows the masked ROM version pin. The F-ZTAT does not have any pins used by the WDT. For F-ZTAT version, see section 15.11 Notes on Flash Memory Programming/Erasing. 2. Open-drain output. Externally pull-up to Vcc whether or not the reset output is used |