| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/86T bảng dữ liệu(PDF) 206 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86T bảng dữ liệu(HTML) 206 Page - Renesas Technology Corp |
|
206 / 505 page ![]() Page 183 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R 17. Serial I/O ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M 17. Serial I/O Serial I/O consists of five channels (UART0 to UART4). Each UARTi (i=0 to 4) has an exclusive timer to generate the transfer clock and operates independently. Figure 17.1 shows a UARTi block diagram. UARTi supports the following modes : - Clock synchronous serial I/O mode - Clock asynchronous serial I/O mode (UART mode) - Special mode 1 (I2C mode) - Special mode 2 - Special mode 3 (Clock-divided synchronous function, GCI mode) - Special mode 4 (Bus conflict detect function, IE mode) - Special mode 5 (SIM mode) Figures 17.2 to 17.9 show registers associated with UARTi. Refer to the tables listing each mode for register and pin settings. |