| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/86T bảng dữ liệu(PDF) 124 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86T bảng dữ liệu(HTML) 124 Page - Renesas Technology Corp |
|
124 / 505 page ![]() Page 101 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R 11. Interrupts ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M 11.5.1 Fixed Vector Tables The fixed vector tables are allocated addresses FFFFDC16 to FFFFFF16. Table 11.1 lists the fixed vector tables. Refer to 25.2 Functions to Prevent Flash Memory from Rewriting for fixed vectors of flash memory. Table 11.1 Fixed Vector Table NOTES: 1. Low voltage detection interrupt cannot be used in M32C/86T. 11.5.2 Relocatable Vector Tables The relocatable vector tables occupy 256 bytes from the starting address set in the INTB register. Table 11.2 lists the relocatable vector tables. Set an even address as the starting address of the vector table set in the INTB register to increase interrupt sequence execution rate. t p u r r e t n I y b d e t a r e n e G s e s s e r d d A r o t c e V ) H ( s s e r d d A o t ) L ( s s e r d d A s k r a m e Re c n e r e f e R d e n i f e d n U n o i t c u r t s n I C D F F F F 6 1 F D F F F F o t 6 1 s e i r e S 0 8 / C 2 3 M l a u n a M e r a w t f o S w o l f r e v O0 E F F F F 6 1 3 E F F F F o t 6 1 n o i t c u r t s n I K R B4 E F F F F 6 1 7 E F F F F o t 6 1 7 E F F F F s s e r d d a f o t n e t n o c e h t f I 6 1 s i F F 6 1 e h t m o r f d e t u c e x e s i m a r g o r p a , t p u r r e t n i e r a w t f o s o t n i d e r o t s s s e r d d a e l b a t r o t c e v e l b a t a c o l e r e h t n i 0 r e b m u n h c t a M s s e r d d A8 E F F F F 6 1 B E F F F F o t 6 1 -C E F F F F 6 1 F E F F F F o t 6 1 e c a p s d e v r e s e R r e m i T g o d h c t a W0 F F F F F 6 1 3 F F F F F o t 6 1 e h t r o f d e s u e r a s e s s e r d d a e s e h T n o i t a ll i c s o , t p u r r e t n i r e m i t g o d h c t a w w o l d n a , t p u r r e t n i n o i t c e t e d p o t s t p u r r e t n i n o i t c e t e d e g a t l o v ) 1 ( , t e s e R , t i u c r i C n o i t a r e n e G k c o l C r e m i T g o d h c t a W -4 F F F F F 6 1 7 F F F F F o t 6 1 e c a p s d e v r e s e R I M N8 F F F F F 6 1 B F F F F F o t 6 1 t e s e RC F F F F F 6 1 F F F F F F o t 6 1 t e s e R |