| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M32C/86T bảng dữ liệu(PDF) 392 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86T bảng dữ liệu(HTML) 392 Page - Renesas Technology Corp |
|
392 / 505 page ![]() Page 369 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R 24. Programmable I/O Ports ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M Figure 24.2 Programmable I/O Ports (2) P10 to P14 Option Port (A) Hysteresis Circuit (B) Peripheral Function Input P15 to P17 Direction Register Port Latch Input to each Peripheral Function Select Pull-up Data Bus A B PCR Register : Available : Not Available Programmable I/O Ports with the Port Control Register Port : P72, P73, P74, P75, P80, P81 Direction Register Port Latch Input to each Peripheral Function Select Pull-up RESET NMI INV05 INV02 Data Bus Output from each Peripheral Function PS1 and PS2 Registers R D Programmable I/O Ports with the Function Select Register Q T INV03 Write Signal to INV03 Value Written to INV03 |