công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 954 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 954 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 950Page - Renesas Technology Corp H8S/20203 Datasheet HTML 951Page - Renesas Technology Corp H8S/20203 Datasheet HTML 952Page - Renesas Technology Corp H8S/20203 Datasheet HTML 953Page - Renesas Technology Corp H8S/20203 Datasheet HTML 954Page - Renesas Technology Corp H8S/20203 Datasheet HTML 955Page - Renesas Technology Corp H8S/20203 Datasheet HTML 956Page - Renesas Technology Corp H8S/20203 Datasheet HTML 957Page - Renesas Technology Corp H8S/20203 Datasheet HTML 958Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 954 / 992 page
background image
Section 28 Electrical Characteristics
Rev. 1.00 Oct. 03, 2008 Page 928 of 962
REJ09B0465-0100
28.4
AC Characteristics
Table 28.4
AC Characteristics
Unless otherwise indicated, V
CC = 2.7 to 5.5 V, VSS = 0.0 V, VCC ≥ AVCC, Ta = −20 to +85 °C (N
version)/
−40 to +85 °C (D version)
Value
Item
Symbol
Applicable
Pins
Test
Conditions Min.
Typ.
Max.
Unit
Reference
Figure
Oscillation frequency of the
main oscillator
φ
OSC
OCS1, OSC2
4.0
20.0
MHz
Oscillation frequency of the
subclock oscillator
φ
sub
X1, XC
32.768
MHz
Oscillation frequency of the
low-speed on-chip oscillator
φ
loco
25
125
225
kHz
Oscillation stabilization time
of the low-speed on-chip
oscillator
t
rc
T.B.D
µs
1
1
φ
OSC
φ
sub
φ
loco
Cycle time of the system
reference clock (
φ
base)
t
base
2
2
φ
hoco
1
128
t
base
*
1
Cycle time of the system
clock (
φ)
t
cyc
244.2
µs
Cycle time of the instruction
1
t
cyc
Oscillation stabilization time
(crystal resonator)
t
rc
OSC1, OSC2
6.5
ms
Oscillation stabilization time
(ceramic resonator)
t
rc
OSC1, OSC2
6.5
ms
Figure
28.3
Oscillation stabilization time t
rcx
X1, X2
2.0
s
V
CC = 4.0 to
5.5 V
20.0
ns
External clock high width
t
CPH
OSC1
40.0
ns
V
CC = 4.0 to
5.5 V
20.0
ns
External clock low width
t
CPL
OSC1
40.0
ns
Figure
28.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com