công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 909 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 909 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 905Page - Renesas Technology Corp H8S/20203 Datasheet HTML 906Page - Renesas Technology Corp H8S/20203 Datasheet HTML 907Page - Renesas Technology Corp H8S/20203 Datasheet HTML 908Page - Renesas Technology Corp H8S/20203 Datasheet HTML 909Page - Renesas Technology Corp H8S/20203 Datasheet HTML 910Page - Renesas Technology Corp H8S/20203 Datasheet HTML 911Page - Renesas Technology Corp H8S/20203 Datasheet HTML 912Page - Renesas Technology Corp H8S/20203 Datasheet HTML 913Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 909 / 992 page
background image
Section 27 List of Registers
Rev. 1.00 Oct. 03, 2008 Page 883 of 962
REJ09B0465-0100
Section 27 List of Registers
The address list gives information on the on-chip I/O register addresses, how the register bits are
configured, and the register states in each operation mode. The information is given as shown
below.
1. Register Addresses (address order)
• Registers are listed from the lower allocation addresses.
• Registers are classified by functional modules.
• The data bus width is indicated.
• The number of access states is indicated.
2. Register Bits
• Bit configurations of the registers are described in the same order as the register addresses
(address order).
• Reserved bits are indicated by  in the bit name column.
• When registers consist of 16 bits, bits are described from the MSB side.
3. Register States in Each Operating Mode
• Register states are described in the same order as the register addresses (address order).
• The register states described here are for the basic operating modes. If there is a specific reset
for an on-chip peripheral module, see the section on that on-chip peripheral module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com