công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 884 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 884 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 880Page - Renesas Technology Corp H8S/20203 Datasheet HTML 881Page - Renesas Technology Corp H8S/20203 Datasheet HTML 882Page - Renesas Technology Corp H8S/20203 Datasheet HTML 883Page - Renesas Technology Corp H8S/20203 Datasheet HTML 884Page - Renesas Technology Corp H8S/20203 Datasheet HTML 885Page - Renesas Technology Corp H8S/20203 Datasheet HTML 886Page - Renesas Technology Corp H8S/20203 Datasheet HTML 887Page - Renesas Technology Corp H8S/20203 Datasheet HTML 888Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 884 / 992 page
background image
Section 26 Low-Voltage Detection Circuits
Rev. 1.00 Oct. 03, 2008 Page 858 of 962
REJ09B0465-0100
26.1
Features
• Power-on reset function
Monitors the power-supply voltage input to the VCC pin to generate an internal reset signal
when power is first supplied.
Releases a reset when the power-supply voltage rises above the specified voltage.
• Low-voltage detection function
Reset function: Monitors the power-supply voltage, and generates an internal reset signal when
the voltage falls below a specified value.
Interrupt function: Monitors the power-supply voltage, and generates an interrupt when the
voltage falls below or rises above respective specified values.
Detection levels: 11 levels are available for LVD1 and two levels are available for LVD0. (The
level is fixed for LVD2.
External voltage input function: For detection, external pins can be selected for a detection
voltage and a reference voltage, respectively (LVD2 only).
Q
Vdet2
Vdet1
Vdet0
LVD0
LVD1
LVD2
VCC
R
S
LD2CRH
LD2CRL
LD1CRH
LD1CRL
LD0CRH
LD0CRL
Ladder
resistor
Interrupt
control circuit
Detection
voltage
generator
CK
Prescaler
R
Reset control
circuit
Control
circuit
Internal
reset signal
Interrupt
request
φloco
+
-
+
-
+
-
VDCPR
Figure 26.1 Block Diagram of Low-Voltage Detection Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com