công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 875 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 875 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 871Page - Renesas Technology Corp H8S/20203 Datasheet HTML 872Page - Renesas Technology Corp H8S/20203 Datasheet HTML 873Page - Renesas Technology Corp H8S/20203 Datasheet HTML 874Page - Renesas Technology Corp H8S/20203 Datasheet HTML 875Page - Renesas Technology Corp H8S/20203 Datasheet HTML 876Page - Renesas Technology Corp H8S/20203 Datasheet HTML 877Page - Renesas Technology Corp H8S/20203 Datasheet HTML 878Page - Renesas Technology Corp H8S/20203 Datasheet HTML 879Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 875 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 849 of 962
REJ09B0465-0100
24.8.6
Notes on Noise Countermeasures
A protection circuit connected to prevent damage due to an abnormal voltage such as an excessive
surge at the analog input pins (AN0 to AN11, AN0_2 to AN3_2) should be connected between
AVcc and AVss as shown in figure 24.12. Also, the bypass capacitors connected to AVcc and the
filter capacitor connected to AN0 to AN11 or AN0_2 to AN3_2 must be connected to AVss.
If a filter capacitor is connected, the input currents at the analog input pins (AN0 to AN1, AN0_2
to AN3_2) are averaged, and so an error may arise. Also, when A/D conversion is performed
frequently, as in scan mode, if the current charged and discharged by the capacitance of the
sample-and-hold circuit in the A/D converter exceeds the current input via the input impedance
(R
in), an error will arise in the analog input pin voltage. Careful consideration is therefore required
when deciding the circuit constants.
AVCC
*1
AN0 to AN11, AN0_2 to AN3_2
AVSS
Notes:
1.
2. Rin: Input impedance
Rin *2
100
Ω
0.1 µF
0.01 µF
10 µF
Values are reference values.
Figure 24.12 Example of Analog Input Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com