công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 823 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 823 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 819Page - Renesas Technology Corp H8S/20203 Datasheet HTML 820Page - Renesas Technology Corp H8S/20203 Datasheet HTML 821Page - Renesas Technology Corp H8S/20203 Datasheet HTML 822Page - Renesas Technology Corp H8S/20203 Datasheet HTML 823Page - Renesas Technology Corp H8S/20203 Datasheet HTML 824Page - Renesas Technology Corp H8S/20203 Datasheet HTML 825Page - Renesas Technology Corp H8S/20203 Datasheet HTML 826Page - Renesas Technology Corp H8S/20203 Datasheet HTML 827Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 823 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 797 of 962
REJ09B0465-0100
22.3.7
SCS Pin Control and Arbitration
When the SSUMS bit in SSMR2 is set to 1 and the CSS1 bit is set to 1, the MSS bit in SSCRH is
set to 1 and then the arbitration of the
SCS pin is checked before starting serial transfer. If the SSU
detects that the synchronized internal SCS pin goes low in this period, the CE bit in SSSR is set
and the MSS bit in SSCRH is cleared.
Note:
When a conflict error is set, subsequent transmit operation is not possible. Therefore the
CE bit must be cleared to 0 before starting transmission.
When the multimaster error is used, the CSOS bit in SSMR2 should be set to 1.
MSS
Transfer start
Write data
in SSTDR
Arbitration detection
period
Maximum time of SCS internal synchronization
Internal SCS
(synchronized)
SCS input
SCS output
CE
(Hi-Z)
Figure 22.13 Arbitration Check Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com