công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 816 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 816 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 812Page - Renesas Technology Corp H8S/20203 Datasheet HTML 813Page - Renesas Technology Corp H8S/20203 Datasheet HTML 814Page - Renesas Technology Corp H8S/20203 Datasheet HTML 815Page - Renesas Technology Corp H8S/20203 Datasheet HTML 816Page - Renesas Technology Corp H8S/20203 Datasheet HTML 817Page - Renesas Technology Corp H8S/20203 Datasheet HTML 818Page - Renesas Technology Corp H8S/20203 Datasheet HTML 819Page - Renesas Technology Corp H8S/20203 Datasheet HTML 820Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 790 of 962
REJ09B0465-0100
Yes
Yes
Yes
No
Start
Initialization
Read TDRE in SSSR
[1]
[2]
[3]
[4]
[1] After reading SSSR and confirming that
the TDRE bit is 1, write transmit data in
SSTDR. Then the TDRE bit is automatically
cleared to 0.
[2] Confirm that the RDRF bit is 1. If the RDRF
bit is 1, receive data in SSRDR is read. If the
SSRDR bit is read, the RDRF bit is automatically
cleared.
[3] Determine whether data transmission is continued.
[4] To end transmit and receive mode, clear the
TEND bit to 0 and clear the TE and RE bits in
SSER to 0.
TDRE = 1?
Write transmit data
in SSTDR
Read RDRF in SSSR
RDRF = 1?
No
No
Read receive data
in SSRDR
Data transmission
continued?
Clear TEND to 0 and
clear TE and RE in
SSER to 0
End
Figure 22.9 Sample Flowchart for Serial Transmit and Receive Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com