công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 726 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 726 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 722Page - Renesas Technology Corp H8S/20203 Datasheet HTML 723Page - Renesas Technology Corp H8S/20203 Datasheet HTML 724Page - Renesas Technology Corp H8S/20203 Datasheet HTML 725Page - Renesas Technology Corp H8S/20203 Datasheet HTML 726Page - Renesas Technology Corp H8S/20203 Datasheet HTML 727Page - Renesas Technology Corp H8S/20203 Datasheet HTML 728Page - Renesas Technology Corp H8S/20203 Datasheet HTML 729Page - Renesas Technology Corp H8S/20203 Datasheet HTML 730Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 726 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 700 of 962
REJ09B0465-0100
20.3.3
Data Transmission
Figure 20.5 shows an example of operation for transmission in asynchronous mode. In
transmission, the SCI3 operates as described below.
1. The SCI3 monitors the TDRE flag in SSR. If the flag is cleared to 0, the SCI3 recognizes that
data has been written to TDR, and transfers the data from TDR to TSR.
2. The SCI3 sets the TDRE flag to 1 and starts transmission. If the TIE bit is set to 1 at this time,
a TXI interrupt request is generated. Continuous transmission is possible because the TXI
interrupt routine writes next transmit data to TDR before transmission of the current transmit
data has been completed.
3. The SCI3 checks the TDRE flag at the timing for sending the stop bit.
4. If the TDRE flag is 0, the data is transferred from TDR to TSR, the stop bit is sent, and then
transmission of the next frame is started.
5. If the TDRE flag is 1, the TEND flag in SSR is set to 1, the stop bit is sent, and then the "mark
state" is entered, in which 1 is output. If the TEIE bit in SCR3 is set to 1 at this time, a TEI
interrupt request is generated.
6. Figure 20.6 shows a sample flowchart for transmission in asynchronous mode.
1 frame
Start
bit
Start
bit
Transmit
data
Transmit
data
Parity
bit
Stop
bit
Parity
bit
Stop
bit
Mark
state
1 frame
0
1D0
D1
D7
0/1
1
1
1
0D0
D1
D7
0/1
Serial
data
TDRE
TEND
LSI
operation
TXI interrupt
request
generated
TDRE flag
cleared to 0
User
processing
Data written
to TDR
TXI interrupt request generated
TEI interrupt request
generated
Figure 20.5 Example of Transmission in Asynchronous Mode
(8-Bit Data, Parity, One Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com