công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 716 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 716 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 712Page - Renesas Technology Corp H8S/20203 Datasheet HTML 713Page - Renesas Technology Corp H8S/20203 Datasheet HTML 714Page - Renesas Technology Corp H8S/20203 Datasheet HTML 715Page - Renesas Technology Corp H8S/20203 Datasheet HTML 716Page - Renesas Technology Corp H8S/20203 Datasheet HTML 717Page - Renesas Technology Corp H8S/20203 Datasheet HTML 718Page - Renesas Technology Corp H8S/20203 Datasheet HTML 719Page - Renesas Technology Corp H8S/20203 Datasheet HTML 720Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 690 of 962
REJ09B0465-0100
20.2.8
Bit Rate Register (BRR)
Address:
Bit:
Value after reset:
b7
1
b6
1
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FF0551, H'FF0559, H'FF0561
BRR is an 8-bit register that adjusts the bit rate. The initial value of BRR is H'FF. Table 20.3
shows the relationship between the N setting in BRR and the n setting in bits CKS1 and CKS0
SMR in asynchronous mode. Table 20.4 shows the maximum bit rate for each frequency in
asynchronous mode. The values shown in both tables 20.3 and 20.4 are values in active (high-
speed) mode. Table 20.5 shows of the relationship between the N setting in BRR and the n setting
in bits CKS1 and CKS0 of SMR in clocked synchronous mode. The values shown in table 20.5 are
values in active (high-speed) mode. The N setting in BRR and error for other operating
frequencies and bit rates can be obtained by the following formulas:
Note:
The BRR value is retained in (module) standby mode.
[Asynchronous Mode]
N =
64 x 22n-1 x B
φ
-1
x 106
Error (%) =
(N + 1) x B x 64 x 22n-1
φ x 106
x 100
- 1
[Clocked Synchronous Mode]
N =
8 x 22n-1 x B
φ
-1
x 106
[Legend]
B: Bit rate (bit/s)
N: BRR setting for baud rate generator (0
≤ N ≤ 255)
φ: Operating frequency (MHz)
n: CSK1 and CSK0 settings in SMR (0
≤ n ≤ 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com