công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 701 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 701 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 697Page - Renesas Technology Corp H8S/20203 Datasheet HTML 698Page - Renesas Technology Corp H8S/20203 Datasheet HTML 699Page - Renesas Technology Corp H8S/20203 Datasheet HTML 700Page - Renesas Technology Corp H8S/20203 Datasheet HTML 701Page - Renesas Technology Corp H8S/20203 Datasheet HTML 702Page - Renesas Technology Corp H8S/20203 Datasheet HTML 703Page - Renesas Technology Corp H8S/20203 Datasheet HTML 704Page - Renesas Technology Corp H8S/20203 Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 992 page
background image
Section 19 Watchdog Timer (WDT)
Rev. 1.00 Oct. 03, 2008 Page 675 of 962
REJ09B0465-0100
19.4
Usage Notes
19.4.1
Notes on System Design
While the watchdog timer is a useful function that restores the LSI to normal condition if the
system runs erratically for some reason, the watchdog timer may fail to be reset properly in
situations such as the perpetuation of an endless loop in a specific programming routine in which a
counter setting operation is executed. Also, there is a possibility of the watchdog timer not being
reset properly despite an erratic system condition if an interrupt is enabled and a counter value is
set within the interrupt processing.
These notes should be taken into consideration in the system design phases.
19.4.2
Notes on Stopping the Watchdog Timer or Switching the Count Clock
The MSTWDT bit in MSTCR1 is set to 1 after release from a reset, but the watchdog timer will
operate since
φloco/8 is selected as the counter clock. (and, since the WDT is in module standby
mode, access to the registers is disabled). To stop the watchdog timer or switch the count clock,
proceed after releasing the WDT from module standby by clearing the MSTWDT bit in MSTCR1
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com