công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 692 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 692 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 688Page - Renesas Technology Corp H8S/20203 Datasheet HTML 689Page - Renesas Technology Corp H8S/20203 Datasheet HTML 690Page - Renesas Technology Corp H8S/20203 Datasheet HTML 691Page - Renesas Technology Corp H8S/20203 Datasheet HTML 692Page - Renesas Technology Corp H8S/20203 Datasheet HTML 693Page - Renesas Technology Corp H8S/20203 Datasheet HTML 694Page - Renesas Technology Corp H8S/20203 Datasheet HTML 695Page - Renesas Technology Corp H8S/20203 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 992 page
background image
Section 19 Watchdog Timer (WDT)
Rev. 1.00 Oct. 03, 2008 Page 666 of 962
REJ09B0465-0100
19.1
Features
• Selectable from fifteen clock sources
 Eight clocks generated by dividing φ: φ/64, φ/128, φ/256, φ/512, φ/1024, φ/2048, φ/4096,
and
φ/8192
 Five clocks generated by dividing low-speed OCO clock: φloco/8, φloco/32, φloco/128,
φloco/512, and φloco/1024
 Two clocks generated by dividing subclock: φsub/4 and φsub/256
When the low-speed OCO clock or subclock is selected, the WDT operates as the watchdog
timer in any operating mode.
• Reset signal generated on counter overflow
An overflow period of 1 to 256 times the selected clock can be set.
• The watchdog timer is enabled in the initial state.
The watchdog timer starts operating after a reset is released.
• Periodic timer function
The timer counter can also be used as a periodic timer. Interrupts can be generated with a
specific count value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com