công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 684 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 684 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 680Page - Renesas Technology Corp H8S/20203 Datasheet HTML 681Page - Renesas Technology Corp H8S/20203 Datasheet HTML 682Page - Renesas Technology Corp H8S/20203 Datasheet HTML 683Page - Renesas Technology Corp H8S/20203 Datasheet HTML 684Page - Renesas Technology Corp H8S/20203 Datasheet HTML 685Page - Renesas Technology Corp H8S/20203 Datasheet HTML 686Page - Renesas Technology Corp H8S/20203 Datasheet HTML 687Page - Renesas Technology Corp H8S/20203 Datasheet HTML 688Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 684 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 658 of 962
REJ09B0465-0100
(3) Note on Phase Counting Mode
In phase counting mode, the phase difference and overlap between TCLKA and TCLKB must be
at least 1.5
× φ cycle of the system clock when bits TPSC2 to TPSC0 in TRGCR = B'0XX or
B'100, and the pulse width must be at least 3
× φ cycle. If B'110 is selected as the value, the phase
difference and overlap must be at least 1.5
× φ40 cycles and the pulse width at least 3 × φ40
cycles. Figure 18.17 shows the input clock conditions in phase counting mode.
Phase
difference
Overlap
Overlap
Phase
difference
Pulse
width
Pulse
width
TCLKA
TCLKB
Phase difference and overlap: 1.5 states or more
Pulse width: 2.5 states or more
Figure 18.17 Phase Difference, Overlap, and Pulse Width in Phase Counting Mode
Note:
When CNTEN7 to CNTEN0 in TRGCNTCR are cleared, the counting is not performed
even if an increment/decrement condition matches.
18.3.4
Buffer Operation
Buffer operation differs depending on whether GR has been designated as an input capture register
or a compare match register.
Table 18.10 shows the register combinations used in buffer operation.
Table 18.10 Register Combinations in Buffer Operation
General Register
Buffer Register
GRA
BRA
GRB
BRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com