công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 679 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 679 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 675Page - Renesas Technology Corp H8S/20203 Datasheet HTML 676Page - Renesas Technology Corp H8S/20203 Datasheet HTML 677Page - Renesas Technology Corp H8S/20203 Datasheet HTML 678Page - Renesas Technology Corp H8S/20203 Datasheet HTML 679Page - Renesas Technology Corp H8S/20203 Datasheet HTML 680Page - Renesas Technology Corp H8S/20203 Datasheet HTML 681Page - Renesas Technology Corp H8S/20203 Datasheet HTML 682Page - Renesas Technology Corp H8S/20203 Datasheet HTML 683Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 653 of 962
REJ09B0465-0100
18.3.3
Phase Counting Mode
In phase counting mode, the phase difference between two external clock inputs (TCLKA and
TCLKB pins) is detected and TRGCNT is incremented/decremented accordingly.
When phase counting mode is set, the TCLKA and TCLK pins function as external clock input
pins and TRGCNT operates as an up/down-counter regardless of the setting of bits TPSC2 to
TPSC0 and bits CKEG1 and CKEG0 in TRGCR.
(1) Example of Phase Counting Mode Setting Procedure
Figure 18.12 shows an example of the phase counting mode setting procedure.
Phase counting mode
Select phase counting mode
Start counting
<Phase counting mode>
Select phase counting mode with the MDF bit in TRGMDR.
[1]
[2]
[1]
[3]
[2]
Set the STR bit in TRGMDR to 1 to start the count
operation.
[2] Select phase counting condition by setting TRGCNTCR.
Set phase counting condition
Figure 18.12 Example of Phase Counting Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com