công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 666 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 666 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 662Page - Renesas Technology Corp H8S/20203 Datasheet HTML 663Page - Renesas Technology Corp H8S/20203 Datasheet HTML 664Page - Renesas Technology Corp H8S/20203 Datasheet HTML 665Page - Renesas Technology Corp H8S/20203 Datasheet HTML 666Page - Renesas Technology Corp H8S/20203 Datasheet HTML 667Page - Renesas Technology Corp H8S/20203 Datasheet HTML 668Page - Renesas Technology Corp H8S/20203 Datasheet HTML 669Page - Renesas Technology Corp H8S/20203 Datasheet HTML 670Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 666 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 640 of 962
REJ09B0465-0100
BRA and BRB can be used as buffer registers of GRA and GRB, respectively, by setting BUFA
and BUFB in TRGIOR.
For example, when GRA is set as an output-compare register and BRA is set as the buffer register
for GRA, the value in TRGCNT is sent to GRA whenever compare match A is generated.
When GRA is set as an input-capture register and BRA is set as the buffer register for GRA, the
value in TRGCNT is transferred to GRA and the value in GRA is transferred to the buffer register
BRA whenever an input capture is generated.
General registers and buffer registers must be written or read in 16-bit units. General registers are
set as output compare registers and initialized to H'FFFF by a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com