công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 646 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 646 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 642Page - Renesas Technology Corp H8S/20203 Datasheet HTML 643Page - Renesas Technology Corp H8S/20203 Datasheet HTML 644Page - Renesas Technology Corp H8S/20203 Datasheet HTML 645Page - Renesas Technology Corp H8S/20203 Datasheet HTML 646Page - Renesas Technology Corp H8S/20203 Datasheet HTML 647Page - Renesas Technology Corp H8S/20203 Datasheet HTML 648Page - Renesas Technology Corp H8S/20203 Datasheet HTML 649Page - Renesas Technology Corp H8S/20203 Datasheet HTML 650Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 620 of 962
REJ09B0465-0100
17.3.3
Data Reading Procedure in Realtime Clock Mode
When the seconds, minutes, hours, or day-of-week datum is updated while time data is being read,
the data obtained may not be correct, and so the time data must be read again. Figure 17.4 shows
an example in which correct data is not obtained. In this example, since only TRESEC is read after
data update, about 1-minute inconsistency occurs.
The following three methods can be used to avoid reading in this timing:
1. Check the setting of the BSY bit, and when the BSY bit changes from 1 to 0, read from the
second, minute, hour, and day-of-week registers. When about 62.5 ms is passed after the BSY
bit is set to 1, the registers are updated, and the BSY bit is cleared to 0.
2. Making use of interrupts, read from the second, minute, hour, and day-of week registers after
the SECF flag in TREIFR is set to 1 and the BSY bit is confirmed to be 0.
3. Read from the second, minute, hour, and day-of week registers twice in a row, and if there is
no change in the read data, the read data is used.
Before update
TREWK = H'03, TREHR = H'13, TREMIN = H'46, TRESEC = H'59
BSY bit = 0
(1) Day-of-week data register read
H'03
(2) Hour data register read
H'13
(3) Minute data register read
H'46
BSY bit -> 1 (under data update)
After update
TREWK = H'03, TREHR = H'13, TREMIN = H'47, TRESEC = H'00
BSY bit -> 0
(4) Second data register read
H'00
Figure 17.4 Example: Reading of Inaccurate Time Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com