công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 592 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 592 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 588Page - Renesas Technology Corp H8S/20203 Datasheet HTML 589Page - Renesas Technology Corp H8S/20203 Datasheet HTML 590Page - Renesas Technology Corp H8S/20203 Datasheet HTML 591Page - Renesas Technology Corp H8S/20203 Datasheet HTML 592Page - Renesas Technology Corp H8S/20203 Datasheet HTML 593Page - Renesas Technology Corp H8S/20203 Datasheet HTML 594Page - Renesas Technology Corp H8S/20203 Datasheet HTML 595Page - Renesas Technology Corp H8S/20203 Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 566 of 962
REJ09B0465-0100
When the counter is incremented or decremented, the IMFA flag of channel 0 is set to 1, and when
the register is underflowed, the UDF flag of channel 0 is set to 1. After buffer operation has been
designated for GR, the value in the buffer registers is transferred to GR when the counter is
incremented by compare match A0 or when TRDCNT_1 is underflowed. In complementary PWM
mode, the OVF flag is not set to 1 at the timing that the counter value changes from H'FFFF to
H'0000 as shown in figure 16.34.
(3) Setting GR Value in Complementary PWM Mode
To set the general register (GR) or modify GR during operation in complementary PWM mode,
see the following notes.
1. Initial value
 H'0000 to T – 1 (T: Initial value of TRDCNT_0) must not be set for the initial value.
 GRA_0 – (T – 1) or more must not be set for the initial value.
 When using buffer operation, the same values must be set in the buffer registers and
corresponding general registers.
2. Modifying the setting value
 Use the buffer operation to change the GR value. If the GR value is changed by writing to
it directly, the intended waveform may not be output.
 Do not change settings of GRA_0 during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com