công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 584 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 584 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 580Page - Renesas Technology Corp H8S/20203 Datasheet HTML 581Page - Renesas Technology Corp H8S/20203 Datasheet HTML 582Page - Renesas Technology Corp H8S/20203 Datasheet HTML 583Page - Renesas Technology Corp H8S/20203 Datasheet HTML 584Page - Renesas Technology Corp H8S/20203 Datasheet HTML 585Page - Renesas Technology Corp H8S/20203 Datasheet HTML 586Page - Renesas Technology Corp H8S/20203 Datasheet HTML 587Page - Renesas Technology Corp H8S/20203 Datasheet HTML 588Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 558 of 962
REJ09B0465-0100
[1] Clear bit STR0 in TRDSTR to 0 and stop the
counter operation of TRDCNT_0. Set reset
synchronous PWM mode after TRDCNT_0
stops.
[2] Select the counter clock with bits TPSC2 to
TPSC0 in TRDCR. When an external clock
is selected, select the external clock edge
with bits CKEG1 and CKEG0 in TRDCR.
[3] Use bits CCLR2 to CCLR0 in TRDCR to
select counter clearing source GRA_0.
[4] Select the reset synchronous PWM mode
with bits CMD1 and CMD0 in TRDFCR.
FTIOB0 to FTIOD0 and FTIOA1 to FTIOD1
become PWM output pins automatically.
[5] Set TRDCNT_0 as H'0000. TRDCNT_1
does not need to be set.
[6] GRA_0 is a cycle register. Set a cycle for
GRA_0. Set the changing point timing of the
PWM output waveform for GRB_0, GRA_1,
and GRB_1.
[7] Enable or disable the timer output by
TRDOER1.
[8] Set the STR bit in TRDSTR to 1 and start
the counter operation.
[1]
Reset synchronous PWM mode
[2]
Stop counter operation
[3]
Select counter clock
[4]
Select counter clearing source
Set reset synchronous PWM mode
[5]
[6]
Set TRDCNT
[7]
Set GR
[8]
Start counter operation
Enable waveform output
<Reset synchronous PWM mode>
Figure 16.26 Example of Reset Synchronous PWM Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com