công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 556 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 556 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 552Page - Renesas Technology Corp H8S/20203 Datasheet HTML 553Page - Renesas Technology Corp H8S/20203 Datasheet HTML 554Page - Renesas Technology Corp H8S/20203 Datasheet HTML 555Page - Renesas Technology Corp H8S/20203 Datasheet HTML 556Page - Renesas Technology Corp H8S/20203 Datasheet HTML 557Page - Renesas Technology Corp H8S/20203 Datasheet HTML 558Page - Renesas Technology Corp H8S/20203 Datasheet HTML 559Page - Renesas Technology Corp H8S/20203 Datasheet HTML 560Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 530 of 962
REJ09B0465-0100
16.2.16
Timer RD Digital Filtering Function Select Register (TRDDF)
Address:
Bit:
Value after reset:
b7
0
b6
0
b5
0
b4
0
b3
DFD
0
b2
DFC
0
b1
DFB
0
b0
DFA
0
H'FFFFCA, H'FFFFD1
DFCK[1:0]
Bit
Symbol
Bit Name
Description
R/W
7, 6
DFCK[1:0]
Digital filter clock
select
00:
φ/32
01:
φ/8
10:
φ
11: Clock specified by bits TPSC2 to TPSC0 in
TRDCR
R/W
5, 4
Reserved
These bits are read as 0. The write value should
be 0.
3
DFD
Digital filter
function D
0: Disables the digital filter for the FTIOD pin
1: Enables the digital filter for the FTIOD pin
R/W
2
DFC
Digital filter
function C
0: Disables the digital filter for the FTIOC pin
1: Enables the digital filter for the FTIOC pin
R/W
1
DFB
Digital filter
function B
0: Disables the digital filter for the FTIOB pin
1: Enables the digital filter for the FTIOB pin
R/W
0
DFA
Digital filter
function A
0: Disables the digital filter for the FTIOA pin
1: Enables the digital filter for the FTIOA pin
R/W
Note:
The setting in this register is valid on the corresponding pin when the FTIOA to FTIOD
inputs are enabled by TRDIORA and TRDIORC.
Timer RD has two TRDDF registers, one for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com