công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 533 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 533 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 529Page - Renesas Technology Corp H8S/20203 Datasheet HTML 530Page - Renesas Technology Corp H8S/20203 Datasheet HTML 531Page - Renesas Technology Corp H8S/20203 Datasheet HTML 532Page - Renesas Technology Corp H8S/20203 Datasheet HTML 533Page - Renesas Technology Corp H8S/20203 Datasheet HTML 534Page - Renesas Technology Corp H8S/20203 Datasheet HTML 535Page - Renesas Technology Corp H8S/20203 Datasheet HTML 536Page - Renesas Technology Corp H8S/20203 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 507 of 962
REJ09B0465-0100
16.2.2
Timer RD Mode Register (TRDMDR)
Address:
Bit:
Value after reset:
b7
BFD1
0
b6
BFC1
0
b5
BFD0
0
b4
BFC0
0
b3
1
b2
1
b1
1
b0
SYNC
0
H'FFFFD3
Bit
Symbol
Bit Name
Description
R/W
7
BFD1
Buffer
operation D1
0: GRD_1 operates normally
1: GRB_1 and GRD_1 are used together for buffer
operation
R/W
6
BFC1
Buffer
operation C1
0: GRC_1 operates normally
1: GRA_1 and GRC_1 are used together for buffer
operation
R/W
5
BFD0
Buffer
operation D0
0: GRD_0 operates normally
1: GRB_0 and GRD_0 are used together for buffer
operation
R/W
4
BFC0
Buffer
operation C0
0: GRC_0 operates normally
1: GRA_0 and GRC_0 are used together for buffer
operation
R/W
3 to 1
Reserved
These bits are read as 1. The write value should be
1.
0
SYNC
Timer
synchronization
0: TRDCNT_1 and TRDCNT_0 operate as
independent timer counters
1: TRDCNT_1 and TRDCNT_0 operate
synchronously
TRDCNT_1 and TRDCNT_0 can be pre-set or
cleared synchronously.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com