công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 452 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 452 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 448Page - Renesas Technology Corp H8S/20203 Datasheet HTML 449Page - Renesas Technology Corp H8S/20203 Datasheet HTML 450Page - Renesas Technology Corp H8S/20203 Datasheet HTML 451Page - Renesas Technology Corp H8S/20203 Datasheet HTML 452Page - Renesas Technology Corp H8S/20203 Datasheet HTML 453Page - Renesas Technology Corp H8S/20203 Datasheet HTML 454Page - Renesas Technology Corp H8S/20203 Datasheet HTML 455Page - Renesas Technology Corp H8S/20203 Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 426 of 962
REJ09B0465-0100
14.3.2
Programmable Waveform Generation Mode
This mode alternately reloads and counts values of TRBPR and TRBSC, and produces toggle
output from the TRBO pin each time the counter underflows. At the start of counting, this mode
counts beginning with the value assigned to TRBPR. TRBOCR is not used when programmable
waveform generation mode is used.
(1) Starting and Stopping Operation
Writing the value 1 to the TSTART bit in TRBCR starts counting; writing the value 0 to the
TSTART bit stops the counting.
(2) Forced Termination of Operation
Writing 1 to the TSTOP bit in TRBCR stops the counting forcedly. When the counting is forcedly
stopped, the timer RB counter, the prescaler counter, and any associated flags are initialized.
(3) Interrupt Request
An interrupt request is generated on the underflow of the timer RB counter during the secondary
period counting.
(4) Reading and Writing Count Value
Reading TRBPRE and TRBTR reads count values from each register.
If a write is performed to TRBPRE, TRBPR, or TRBSC when counting is stopped, set values are
written to both the reload register and the counter.
If a write is performed to TRBPRE, TRBPR, or TRBSC when counting is in progress, data is
written only to the respective reload registers. The output of a waveform reflects a set value
beginning with the next primary period after data is written to TRBPR.
However, if writing to TRBSC or TRBPR proceeds when the value of the counter is H'00,
updating of the waveform will be suspended for one cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com