công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 351 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 351 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 347Page - Renesas Technology Corp H8S/20203 Datasheet HTML 348Page - Renesas Technology Corp H8S/20203 Datasheet HTML 349Page - Renesas Technology Corp H8S/20203 Datasheet HTML 350Page - Renesas Technology Corp H8S/20203 Datasheet HTML 351Page - Renesas Technology Corp H8S/20203 Datasheet HTML 352Page - Renesas Technology Corp H8S/20203 Datasheet HTML 353Page - Renesas Technology Corp H8S/20203 Datasheet HTML 354Page - Renesas Technology Corp H8S/20203 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 325 of 962
REJ09B0465-0100
10.9.3
Port Pull-Up Control Register B (PUCRB)
b7
PUCRB7
0
b6
PUCRB6
0
b5
PUCRB5
0
b4
PUCRB4
0
b3
PUCRB3
0
b2
PUCRB2
0
b1
PUCRB1
0
b0
PUCRB0
0
H'FF001A
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PUCRB7
Port B7 pull-up
control
R/W
6
PUCRB6
Port B6 pull-up
control
R/W
5
PUCRB5
Port B5 pull-up
control
R/W
4
PUCRB4
Port B4 pull-up
control
R/W
3
PUCRB3
Port B3 pull-up
control
R/W
2
PUCRB2
Port B2 pull-up
control
R/W
1
PUCRB1
Port B1 pull-up
control
R/W
0
PUCRB0
Port B0 pull-up
control
0: The pull-up MOS of corresponding pin is
disabled.
1: The pull-up MOS of corresponding pin is
enabled.
PUCRB is a register that controls the pull-up MOS
in bit units of the pins set as the input ports.
R/W
• PUCRB7 bit to PUCRB0 bit (port B7 to B0 pull-up control)
This function is valid only for the pin set as general input, and for the input pin with a function
selected by the PMC. However, this setting is invalid for the analog input pin.
10.9.4
Notes on Using Port B
1. The PB0 pin is initially set as general I/O pin. If using this pin as the analog input pin for the
A/D converter, set the PMRA2 bit in PMRA to 1.
2. Pins PB7 and PB6 can be used as analog input pins for the A/D converter or analog output pins
for the D/A converter. Do not set these pins as analog input pins and analog output pins at the
same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com