công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456R bảng dữ liệu(PDF) 1307 Page - Renesas Technology Corp

tên linh kiện H8S/2456R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456R bảng dữ liệu(HTML) 1307 Page - Renesas Technology Corp

Back Button H8S/2456R Datasheet HTML 1303Page - Renesas Technology Corp H8S/2456R Datasheet HTML 1304Page - Renesas Technology Corp H8S/2456R Datasheet HTML 1305Page - Renesas Technology Corp H8S/2456R Datasheet HTML 1306Page - Renesas Technology Corp H8S/2456R Datasheet HTML 1307Page - Renesas Technology Corp H8S/2456R Datasheet HTML 1308Page - Renesas Technology Corp H8S/2456R Datasheet HTML 1309Page - Renesas Technology Corp H8S/2456R Datasheet HTML 1310Page - Renesas Technology Corp H8S/2456R Datasheet HTML 1311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1307 / 1376 page
background image
Section 27 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1277 of 1342
REJ09B0467-0100
Notes:
1.
In the system where multiple programming are executed, erase once so as to effectively diminish
the programming times after having written with leaving the blank area as least as possible by
shifting writing address one by one.
For example, if 16 bytes per 1 set is being programmed, erase once after maximum 256 sets of
programming has been done, which diminish the effective programming times.
Keep the information of the times of erasure and set up the limitation times is recommended.
2. If an erase error is occurred, execute the clear status command -> erase command for at least 3
times until no erase error is occurred.
*1. Determination of the number of times the programming /erase operation.
Number of times the programming / erase performed in each block.
When the number of times the programming / erase is n times (n = 100), data can be erased n
times in each block.
For example, if 4 bytes programming is done 1024 times, each at a different address in a 4-kbyte
per block, and then the block is erased, number of times the programming / erase can be one time.
However, programming cannot be done multiple times in the block (overwriting is prohibited).
*2. Number of times that ensures all the electrical characteristics
*3 As for the data flush is under planning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com