công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456R bảng dữ liệu(PDF) 862 Page - Renesas Technology Corp

tên linh kiện H8S/2456R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456R bảng dữ liệu(HTML) 862 Page - Renesas Technology Corp

Back Button H8S/2456R Datasheet HTML 858Page - Renesas Technology Corp H8S/2456R Datasheet HTML 859Page - Renesas Technology Corp H8S/2456R Datasheet HTML 860Page - Renesas Technology Corp H8S/2456R Datasheet HTML 861Page - Renesas Technology Corp H8S/2456R Datasheet HTML 862Page - Renesas Technology Corp H8S/2456R Datasheet HTML 863Page - Renesas Technology Corp H8S/2456R Datasheet HTML 864Page - Renesas Technology Corp H8S/2456R Datasheet HTML 865Page - Renesas Technology Corp H8S/2456R Datasheet HTML 866Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 862 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 832 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
5
PE
0
R/W
Parity Enable (enabled only in asynchronous
mode)
When this bit is set to 1, the parity bit is added to
transmit data before transmission, and the parity
bit is checked in reception. For a multiprocessor
format, parity bit addition and checking are not
performed regardless of the PE bit setting.
4
O/
E
0
R/W
Parity Mode (enabled only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.
3
STOP
0
R/W
Stop Bit Length (enabled only in asynchronous
mode)
Selects the stop bit length in transmission.
0: 1 stop bit
1: 2 stop bits
In reception, only the first stop bit is checked
regardless of the STOP bit setting. If the second
stop bit is 0, it is treated as the start bit of the next
transmit character.
2
MP
0
R/W
Multiprocessor Mode (enabled only in
asynchronous mode)
When this bit is set to 1, the multiprocessor
communication function is enabled. The PE bit
and O/
E bit settings are invalid in multiprocessor
mode.
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0:
These bits select the clock source for the on-chip
baud rate generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relation between the bit rate register
setting and the baud rate, see section 15.3.9, Bit
Rate Register (BRR). n is the decimal display of
the value of n in BRR (see section 15.3.9, Bit Rate
Register (BRR)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com