| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456R bảng dữ liệu(PDF) 462 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456R bảng dữ liệu(HTML) 462 Page - Renesas Technology Corp |
|
462 / 1376 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 432 of 1342 REJ09B0467-0100 DMA read DMA write Address bus φ EDREQ Idle Write Bus release Transfer destination DMA control Channel Write Idle Transfer source Transfer destination Transfer source Request Request Minimum 3 cycles Acceptance resumed Acceptance resumed Read Bus release DMA read DMA write Bus release One block transfer One block transfer Idle [1] [4] [5] [6] [7] [3] [2] [1] Acceptance after transfer enabling; EDREQ pin low level is sampled at rise of φ, and request is held. [2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC. [3], [6] DMA cycle start; EDREQ pin high level sampling is started at rise of φ. [4], [7] When EDREQ pin high level has been sampled, acceptance is resumed after completion of dead cycle. (As in [1], EDREQ pin low level is sampled at rise of φ, and request is held.) Read Request clearance period Request clearance period Minimum 3 cycles Figure 8.19 Example of Block Transfer Mode Transfer Activated by EDREQ Pin Falling Edge EDREQ pin sampling is performed in each cycle starting at the next rise of φ after the end of the EDMDR write cycle for setting the transfer-enabled state. When a low level is sampled at the EDREQ pin while acceptance via the EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC, the request is cleared, and EDREQ pin high level sampling for edge sensing is started. If EDREQ pin high level sampling is completed by the end of the DMA write cycle, acceptance resumes after the end of the write cycle, and EDREQ pin low level sampling is performed again; this sequence of operations is repeated until the end of the transfer. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |