công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456R bảng dữ liệu(PDF) 448 Page - Renesas Technology Corp

tên linh kiện H8S/2456R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456R bảng dữ liệu(HTML) 448 Page - Renesas Technology Corp

Back Button H8S/2456R Datasheet HTML 444Page - Renesas Technology Corp H8S/2456R Datasheet HTML 445Page - Renesas Technology Corp H8S/2456R Datasheet HTML 446Page - Renesas Technology Corp H8S/2456R Datasheet HTML 447Page - Renesas Technology Corp H8S/2456R Datasheet HTML 448Page - Renesas Technology Corp H8S/2456R Datasheet HTML 449Page - Renesas Technology Corp H8S/2456R Datasheet HTML 450Page - Renesas Technology Corp H8S/2456R Datasheet HTML 451Page - Renesas Technology Corp H8S/2456R Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 418 of 1342
REJ09B0467-0100
External memory
Repeated
Repeat area overflow
interrupt can be
requested
Range of
EDSAR values
H'23FFFE
H'23FFFF
H'240000
H'240001
H'240002
H'240003
H'240004
H'240005
H'240006
H'240007
H'240008
H'240009
H'240000
H'240001
H'240002
H'240003
H'240004
H'240005
H'240006
H'240007
:
:
When lower 3 bits (8-byte area) of EDSAR are designated as repeat area
(SARA4 to SARA0 = 3)
Figure 8.9 Example of Repeat Area Function Operation
Caution is required when the repeat area overflow interrupt function is used together with block
transfer mode. If transfer is always terminated when repeat area overflow occurs in block transfer
mode, the block size must be a power of two, or alternatively, the address register value must be
set so that the end of a block coincides with the end of the repeat area range.
If repeat area overflow occurs while a block is being transferred in block transfer mode, the repeat
interrupt request is held pending until the end of the block, and transfer overrun will occur. Figure
8.10 shows an example in which block transfer mode is used together with the repeat area
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com