công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456R bảng dữ liệu(PDF) 426 Page - Renesas Technology Corp

tên linh kiện H8S/2456R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456R bảng dữ liệu(HTML) 426 Page - Renesas Technology Corp

Back Button H8S/2456R Datasheet HTML 422Page - Renesas Technology Corp H8S/2456R Datasheet HTML 423Page - Renesas Technology Corp H8S/2456R Datasheet HTML 424Page - Renesas Technology Corp H8S/2456R Datasheet HTML 425Page - Renesas Technology Corp H8S/2456R Datasheet HTML 426Page - Renesas Technology Corp H8S/2456R Datasheet HTML 427Page - Renesas Technology Corp H8S/2456R Datasheet HTML 428Page - Renesas Technology Corp H8S/2456R Datasheet HTML 429Page - Renesas Technology Corp H8S/2456R Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 396 of 1342
REJ09B0467-0100
(2) Block Transfer Mode
Bit
Bit Name
Initial Value
R/W
Description
31 to 24
—
All 0
—
Reserved
These bits are always read as 0 and cannot be
modified.
23 to 16
Undefined
R/W
Block Size
These bits specify the block size (number of bytes
or number of words) for block transfer. Setting
H'01 specifies one as the block, while setting H'00
specifies the maximum block size, that is 256. The
register value always indicates the specified block
size.
15 to 0
Undefined
R/W
16-Bit Transfer Counter
These bits specify the number of block transfers.
Setting H'0001 specifies one block transfer.
Setting H'0000 means no specification for the
number of transfers, and the transfer counter
function is halted. In this case, there is no transfer
end interrupt by the transfer counter. Setting
H'FFFF specifies the maximum number of block
transfers, that is 65,535. During EXDMA transfer,
this counter shows the remaining number of block
transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com