| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663R bảng dữ liệu(PDF) 1499 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R bảng dữ liệu(HTML) 1499 Page - Renesas Technology Corp |
|
1499 / 1504 page ![]() Rev. 2.00 Sep. 24, 2008 Page 1467 of 1468 REJ09B0412-0200 State transitions......................................... 77 Status stage ........................................... 1016 Stop bit.................................................... 912 Strobe assert/negate timing..................... 236 Synchronous clearing.............................. 736 Synchronous DRAM interface................ 306 Synchronous operation ........................... 736 Synchronous presetting........................... 736 System clock (I φ).......................... 221, 1221 T TAP controller ...................................... 1216 Toggle output.......................................... 733 Trace exception handling........................ 119 Transfer information............................... 569 Transfer information read skip function . 578 Transfer information writeback skip function................................................... 579 Transfer modes ............................... 406, 485 Transmit/receive data.............................. 912 Trap instruction exception handling ....... 124 U USB function module ............................. 965 USB standard commands...................... 1022 User boot MAT..................................... 1110 User boot mode........................... 1108, 1157 User break controller (UBC)................... 171 User MAT ............................................. 1110 User program mode..................... 1108, 1147 V Vector table address................................ 114 Vector table address offset...................... 114 Voltage Detection Circuit (LVD)............ 105 W Wait control ............................................ 251 Watchdog timer (WDT).......................... 855 Watchdog timer mode............................. 860 Waveform output by compare match...... 732 Write data buffer function....................... 365 Write data buffer function for external data bus ................................................... 365 Write data buffer function for peripheral modules................................................... 366 |