| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663R bảng dữ liệu(PDF) 1404 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R bảng dữ liệu(HTML) 1404 Page - Renesas Technology Corp |
|
1404 / 1504 page ![]() Section 30 Electrical Characteristics Rev. 2.00 Sep. 24, 2008 Page 1372 of 1468 REJ09B0412-0200 Item Symbol Min. Max. Unit Test Conditions CS delay time 1 t CSD1 15 ns AS delay time t ASD 15 ns RD delay time 1 t RSD1 15 ns RD delay time 2 t RSD2 15 ns Read data setup time 1 t RDS1 15 ns Read data setup time 2 t RDS2 15 ns Figures 30.8 to 30.36 Read data hold time 1 t RDH1 0 ns Read data hold time 2 t RDH2 0 ns Read data access time 2 t AC2 1.5 × t cyc – 20 ns Read data access time 4 t AC4 2.5 × t cyc – 20 ns Read data access time 5 t AC5 1.0 × t cyc – 20 ns Read data access time 6 t AC6 2.0 × t cyc – 20 ns Read data access time (from address) 1 t AA1 1.0 × t cyc – 20 ns Read data access time (from address) 2 t AA2 1.5 × t cyc – 20 ns Read data access time (from address) 3 t AA3 2.0 × t cyc – 20 ns Read data access time (from address) 4 t AA4 2.5 × t cyc – 20 ns Read data access time (from address) 5 t AA5 3.0 × t cyc – 20 ns Note: * V CC=PLLVCC=DrVCC2.95 V to 3.6 V in the H8SX/1668M Group. |