công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 222 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 222 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 218Page - Renesas Technology Corp H8S/2472 Datasheet HTML 219Page - Renesas Technology Corp H8S/2472 Datasheet HTML 220Page - Renesas Technology Corp H8S/2472 Datasheet HTML 221Page - Renesas Technology Corp H8S/2472 Datasheet HTML 222Page - Renesas Technology Corp H8S/2472 Datasheet HTML 223Page - Renesas Technology Corp H8S/2472 Datasheet HTML 224Page - Renesas Technology Corp H8S/2472 Datasheet HTML 225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 174 of 1198
REJ09B0403-0200
7.4
Activation Sources
The DTC is activated by an interrupt request or by a write to DTVECR by software. The interrupt
request source to activate the DTC is selected by DTCER. At the end of a data transfer (or the last
consecutive transfer in the case of chain transfer), the interrupt flag that became the activation
source or the corresponding DTCER bit is cleared. The activation source flag, in the case of
RXI0, for example, is the RDRF flag in SCI_0.
When an interrupt has been designated as a DTC activation source, the existing CPU mask level
and interrupt controller priorities have no effect. If there is more than one activation source at the
same time, the DTC operates in accordance with the default priorities. Figure 7.2 shows a block
diagram of DTC activation source control. For details on the interrupt controller, see section 5,
Interrupt Controller.
CPU
DTC
DTCER
Source flag cleared
On-chip
peripheral
module
IRQ interrupt
Interrupt
request
Clear
Clear
controller
Clear request
Interrupt controller
Interrupt mask
Select
DTVECR
Figure 7.2 Block Diagram of DTC Activation Source Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com