công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 213 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 213 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 209Page - Renesas Technology Corp H8S/2472 Datasheet HTML 210Page - Renesas Technology Corp H8S/2472 Datasheet HTML 211Page - Renesas Technology Corp H8S/2472 Datasheet HTML 212Page - Renesas Technology Corp H8S/2472 Datasheet HTML 213Page - Renesas Technology Corp H8S/2472 Datasheet HTML 214Page - Renesas Technology Corp H8S/2472 Datasheet HTML 215Page - Renesas Technology Corp H8S/2472 Datasheet HTML 216Page - Renesas Technology Corp H8S/2472 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 165 of 1198
REJ09B0403-0200
7.2.2
DTC Mode Register B (MRB)
MRB selects the DTC operating mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
CHNE
Undefined
DTC Chain Transfer Enable
When this bit is set to 1, a chain transfer will be
performed. For details, see section 7.6.4, Chain
Transfer.
In data transfer with CHNE set to 1, determination of
the end of the specified number of data transfers,
clearing of the interrupt source flag, and clearing of
DTCER are not performed.
6
DISEL
Undefined
DTC Interrupt Select
When this bit is set to 1, a CPU interrupt request is
generated every time data transfer ends. When this bit
is cleared to 0, a CPU interrupt request is generated
only when the specified number of data transfer ends.
5 to 0
Undefined
Reserved
These bits have no effect on DTC operation. The write
value should always be 0.
7.2.3
DTC Source Address Register (SAR)
SAR is a 24-bit register that designates the source address of data to be transferred by the DTC.
For word-size transfer, specify an even source address.
7.2.4
DTC Destination Address Register (DAR)
DAR is a 24-bit register that designates the destination address of data to be transferred by the
DTC. For word-size transfer, specify an even destination address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com