công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 129 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 129 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 125Page - Renesas Technology Corp H8S/2472 Datasheet HTML 126Page - Renesas Technology Corp H8S/2472 Datasheet HTML 127Page - Renesas Technology Corp H8S/2472 Datasheet HTML 128Page - Renesas Technology Corp H8S/2472 Datasheet HTML 129Page - Renesas Technology Corp H8S/2472 Datasheet HTML 130Page - Renesas Technology Corp H8S/2472 Datasheet HTML 131Page - Renesas Technology Corp H8S/2472 Datasheet HTML 132Page - Renesas Technology Corp H8S/2472 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 81 of 1198
REJ09B0403-0200
5.3
Register Descriptions
The interrupt controller has the following registers. For details on the system control register
(SYSCR), see section 3.2.2, System Control Register (SYSCR), and for details on the IRQ sense
port select registers (ISSR16 and ISSR), see section 8.3.1, IRQ Sense Port Select Register 16
(ISSR16), IRQ Sense Port Select Register (ISSR).
• Interrupt control registers A to D (ICRA to ICRD)
• Address break control register (ABRKCR)
• Break address registers A to C (BARA to BARC)
• IRQ sense control registers (ISCR16H, ISCR16L, ISCRH, and ISCRL)
• IRQ enable registers (IER16 and IER)
• IRQ status registers (ISR16 and ISR)
5.3.1
Interrupt Control Registers A to D (ICRA to ICRD)
The ICR registers set interrupt control levels for interrupts other than NMI.
The correspondence between interrupt sources and ICRA to ICRD settings is shown in table 5.2.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
ICRn7 to
IRCn0
All 0
R/W
Interrupt Control Level
0: Corresponding interrupt source is interrupt control level
0 (no priority)
1: Corresponding interrupt source is interrupt control level
1 (priority)
[Legend]
n:
A to D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com